PART |
Description |
Maker |
JQX-105F-5 JQX-105F-5L |
30A 1 POLE PC BOARD TYPE
|
List of Unclassifed Manufacturers ETC[ETC]
|
JQX-105F-2 JQX-105F-2L |
30A 1 POLE PCB&QC Terminals
|
List of Unclassifed Manufacturers ETC
|
FBR56 FBR56ND12W1 FBR56ND06W1 FBR56ND09W1 |
COMPACT HIGH POWER RELAY 1 POLE-30A
|
FUJITSU[Fujitsu Media Devices Limited]
|
SB300-09R |
90V/ 30A Rectifier 90V 30A Rectifier 90V, 30A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
VFP-12LU VFP-12HU VFP-12MU VFP-18LU VFP-18HU VFP-2 |
1 POLE - 20/25/30A - Heavy power control 1 POLE - 20/25/30A - Heavy power control
|
Fujitsu Component Limited. Fujitsu Component Limit...
|
PS9611 PS9611L PS9611L-E3 PS9611L-E4 |
High speed Totem-Pole Output photocoupler(高速光光隔离器) Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps / TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
T83S11D412-24 |
2 POLE, HIGH DIELECTRIC POLARIZED PC BOARD RELAY
|
Tyco Electronics
|
ISL8225MEVAL4Z H2512-OPEN ISL8225MIRZ H2511-00R00- |
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
|
Intersil Corporation
|
PD-L530C-B |
NEMA L5-30R CORD CONNECTOR 30A 125VAC; ASSEMBLY TYPE
|
PowerDynamics, Inc
|
87439-1400 |
PC Board Connector; Number of Contacts:20; Pitch Spacing:0.5mm; Number of Rows:2; Mounting Type:PC Board; Connector Body Material:Polymer; Gender:Receptacle; Series:SlimStack; Terminal Type:Surface Mount
|
MOLEX INC
|
10-33-1031 |
Header; No. of Contacts:3; Pitch Spacing:5.08mm; No. of Rows:1; Series:SPOX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
FRL-274ND012_81AY-01A-001 FRL-274ND012_81CY-01A-00 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.142A (COIL), 12VDC (COIL), 1700mW (COIL), 30A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
|
FUJITSU COMPONENT LTD Fujitsu Media Devices Limited Fujitsu Component Limited.
|